Part Number Hot Search : 
00BGC 120EC DM74AL 74HC13 SMLJ11 TFS1019A KTC3790S CDB5342
Product Description
Full Text Search
 

To Download A203B-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EVERLIGHT ELECTRONICS CO.,LTD.
DATA SHEET
PART NO. DATE A203B/G 2005/8/26 CHR&D1
DEPARTMENT . REVISION
4
RECEIVED
MASS PRODUCTION PRELIMINARY CUSTOMER DESIGN DEVICE NUMBER : PAGE : 6
CUSTOMER DESIGNER
CDAE-020-008
CHECKER APPROVER
REV.
DESCRIPTION
RELEASE DATE
OFFICE: 7C BUILDING, LIAN HUA PORT INDUSTRIAL DISTRICT, LIAN HUA SHAN BONDED PRICESSING ZONE PAN YU, GUANG ZHU, CHINA TEL. : (020)84860913,84860914 FAX : (020)84860600 http : //www.everlight.com
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
5.0mm Round Type LED Lamps A203B/G
Features :

Low power consumption High efficiency and low cost Good control and free combinations on the colors of LED lamps Good lock and easy to assembly Stackable and easy to assembly Stackable vertically and easy to assembly Versatile mounting on P.C board or panel Stackable horizontally and easy to assembly Pb free The product itself will remain within RoHS compliant version


Descriptions :

ARRAY=Plastic Holder+Combinations of Lamps The array will easily mount the applicable lamps on any panel up to
Applications :
1.Used as indicators of indicating the Degree, Functions, Positions etc, in electronic instruments.
PART NO. 333GD
Chip Material GaP Emitted Color Green
Lens Color Green Diffused
EVERLIGHT ELECTRONICS CO.,LTD. Device Number : CDAE-020-008
'http : //www.everlight.com Prepared date: 2005/8/26
REV.:
4
Page: 1 of 6
Prepared by:
Zhenxia Qu
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet 5.0mm Round Type LED Lamps
A203B/G
Package Dimensions
Notes: 1.All dimensions are in millimeters, tolerance is 0.25mm except being specified
2.Lead spacing is measured where the lead emerge from the package The product itself will remain within RoHS compliant version
Absolute Maximum Ratings at Ta = 25
Parameter Forward Current Operating Temperature Storage Temperature Soldering Temperature Electrostatic Discharge Power Dissipation Reverse Voltage Symbol IF Topr Tstg Tsol ESD Pd VR Rating Unit mA V mW V
25
-40 to +85 -40 to +100 260 5 2000 60 5
Note: *1:Soldering time 5 seconds.
EVERLIGHT ELECTRONICS CO.,LTD. Device Number : CDAE-020-008
http : //www.everlight.com Prepared date: 2005/8/26
REV.: Prepared by:
4
Page:
2 0f 6
Zhenxia Qu
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet 5.0mm Round Type LED Lamps
A203B/G
Electro-Optical Characteristics(Ta=25) Parameter Forward Voltage Reverse Current Luminous Intensity Viewing Angle Peak Wavelength Dominant Wavelength Spectrum Radiation Bandwidth Symbol VF IR Iv 21/2 p d Condition IF= VR= IF= IF= IF= IF= IF= 20 5 10 20 20 20 20 mA V mA mA mA mA mA Min. 1.7 2 Typ. 2.1 10 60 565 570 30 Max. 2.4 10 Unit V A mcd deg nm nm nm
EVERLIGHT ELECTRONICS CO.,LTD. Device Number : CDAE-020-008
http : //www.everlight.com Prepared date: 2005/8/26
REV.: Prepared by:
4
Page:3 of 6 Zhenxia Qu
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet 5.0mm Round Type LED Lamps
A203B/G
Typical Electro-Optical Characteristic Curves:
EVERLIGHT ELECTRONICS CO.,LTD. Device Number : CDAE-020-008
http : //www.everlight.com Prepared date: 2005/8/26
REV.: 4 Prepared by:
Page:
4 of 6
Zhenxia Qu
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet 5.0mm Round Type LED Lamps
A203B/G
Reliability test items and conditions:
The reliability of products shall be satisfied with items listed below. Confidence level97% LTPD3%
NO
Item
Test Conditions
Test Hours/Cycle 10 SEC
Sample Size 76 PCS
Failure Judgment Criteria
Ac/Re
1
Solder Heat
TEMP : 260 5 H : +100 15min 5 min L : -40 15min H : +100 5min 10 sec L : -10 5min TEMP : 100
0/1
2
Temperature Cycle
300 CYCLES 76 PCS
0/1
3
Thermal Shock
300 CYCLES 76 PCS
4
High Temperature Storage
1000 HRS
IvIvt*0.5 or VfU 76 PCS or VfL 76 PCS
0/1
0/1
5
Low Temperature Storage
TEMP : -40 TEMP : 25 IF = 20mA 85 / 85% RH
1000 HRS
0/1
6 main with
DC Operating Life High Temperature / High Humidity
1000 HRS 1000 HRS
76 PCS 76 PCS
0/1 0/1
Note IvtTo test Iv value of the chip before the reliablility test IvThe test value of the chip that has completed the reliablility test UUpper Specification Limit L Lower Specification Limit
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com Prepared date: 2005/8/26
REV.:
4
Page:5 of 6
Zhenxia Qu
Device Number : CDAE-020-008
Prepared by:
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet 5.0mm Round Type LED Lamps
A203B/G
Packing Quantity Specification
1500PCS/1Bag4Bags/1Box 2. 10Boxes/1Carton
Label Form Specification
CPN: Customers Production Number P/N : Production Number QTY: Packing Quantity
RoHS
CAT: Ranks HUE:Dominant Wavelength REF: Reference LOT No: Lot Number MADE IN TAIWAN: Production Place
A203B/G
Notes 1. Above specification may be changed without notice. EVERLIGHT will reserve authority on material change for above specification. The product itself will remain within RoHS compliant version for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets. 3. These specification sheets include materials protected under copyright of EVERLIGHT corporation. Please dont reproduce or cause anyone to reproduce them without EVERLIGHTsconsent.
EVERLIGHT ELECTRONICS CO., LTD. Office: No 25, Lane 76, Sec 3, Chung Yang Rd, Tucheng, Taipei 236, Taiwan, R.O.C Tel: (886-2-2267-2000, 2267-9936 Fax: 886-2267-6244, 2267-6189, 2267-6306 http:\\www.everlight.com
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com Prepared date: 2005/8/26
'REV.:
4 Prepared by:
6 0f 6 Zhenxia Qu
Device Number :
CDAE-020-008


▲Up To Search▲   

 
Price & Availability of A203B-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X